Part Number Hot Search : 
IR333 FRX130R1 C106K9 ULQ2003A 30N60A4D 30N60A4D 2938840 TM162B
Product Description
Full Text Search
 

To Download CPCZ-A2B1C2120-FREQDS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  25 cardinal components, inc., 155 rt. 46 w, wayne, nj. 07470 tel: (973)785-1333 fax: (973)785-0053 http://www.cardinalxtal.com e-mail: cardinal@cardinalxtal.com 25 cardinal components cardinal components specifications: frequency range: 3.500 ~ 30.000 mhz at-cut fundamental 30.000 ~ 70.000 mhz 3rd overtone operating temperature: 0 c ~ +70 c standard -40 c ~ +85 c frequency stability: 100 ppm 50 ppm standard frequency tolerance: 50 ppm standard (at 25 c) load capacitance: standard 18 pf or series. please specify your required load. resistance: maximum resistance corresponds to frequency. see chart below. standard: shunt capacitance: 7 pf max aging: 5 ppm/year drive level: 1.0 mw max packaging: tape and reel plastic surface mount crystals  smaller package than cpx  cost effective cpc note: not all combinations of the above tolerances, stabilities, and temperature ranges are available. consult the factory if your requirement is not standard. part numbering example: cpc z - a1 b2 c2 200 - 3.579545 d18 - 3 * note: the above abc combinations cover basic specification options. we tailor our crystal specifications to meet customer requirements. please contact our sales department if you don ? t see exactly what you need. series series cpc cpc added features blank = bulk pack z = tape and reel z operating temp. a0 = -10 c ~ +60 c a1 = -10 c ~ +70 c a2 = -40 c ~ +85 c a3 = -55 c ~ +125 c a1* stability b1 = 100 b2 = 50 b3 = 30 b4 = 10 b2 tolerance c1 = 100 c2 = 50 c3 = 30 c4 = 10 c2 resistance see chart below 200 frequency 3.579545 load cap. d16,18,20,etc. ds = series d18 overtone blank: fund. -3: 3rd ot -5: 5th ot -7: 7th ot -bt: bt cut equivalent series resistance (esr), mode of operation (mode), and cut resistance chart: all resistances are maximum values. frequency mhz esr( ? ) mode/cut frequency mhz esr ( ? ) mode/cut 3.579545~4.999 200 max fund./at 10.000~14.999 70 max fund./at 5.000~5.999 150 max fund./at 15.000~15.999 60 max fund./at 6.000~7.999 120 max fund./at 16.000~30.000 50 max fund./at 8.000~8.999 90 max fund./at 30.000~49.999 80 max 3rd overtone/at 9.000~9.999 80 max fund./at 50.000~70.000 80 max 3rd overtone/at - 3 cpc


▲Up To Search▲   

 
Price & Availability of CPCZ-A2B1C2120-FREQDS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X